Part Number Hot Search : 
T323033 15KPJ58 C486FD19 B3925 B3925 16373 BC857BL C486FD19
Product Description
Full Text Search
 

To Download PSMDA12C-8-LF-T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05084.r6 1/11 page 1 05084 psmda05c-8 - psmda24c-8 450 watt multi-line tvs array d escripti o n the psmdaxxc-8 series are monolithic transient voltage suppressor arrays that provide board level protecton for standard ttl and mos bus line applicatons against the damaging efects of esd, tertary lightning and switching transients. the psmdaxxc-8 series has a peak pulse power ratng of 450 wats for an 8/20s waveshape. this series meets the iec 61000-4-2, iec 61000-4-4 and iec 61000-4-5 requirements. f eatures ? iec compatbility iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? iec compatbility iec 61000-4-4 (eft): 40a - 5/50ns ? iec compatbility iec 61000-4-5 (surge): 12a, 8/20s - level 1(line- gnd) & level 2(line-line) ? 450 wats peak pulse power per line (tp = 8/20s) ? esd protecton > 25 kilovolts ? bidirectonal confguraton ? available in voltages ranging from 5v to 24v ? protects up to eight lines ? monolithic design ? rohs compliant ? reach compliant m ec h anical c h aracteristics ? molded jedec so-14 package ? approximate weight: 0.15 grams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 16mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 applicati o ns ? multple i/o port protecton ? board level interface connecton ? rs-232, rs-422 & rs-423 ? portable electronics pin c o nfigurati o n s o -14 pac k age 1 2 5 4 3 6 7 10 11 12 13 14 9 8
only one name means protektion? www.protekdevices.com 05084.r6 1/11 page 2 05084 psmda05c-8 - psmda24c-8 typical device c h aracteristics maximum ratings @ 25c unless o therwise specifed parameter symb o l value units operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp = 8/20s) - see figure 1 p pp 450 wats electrical c h aracteristics per line @ 25c unless o therwise specifed part number device mar k ing rated stand- o ff v o ltage v wm v o lts minimum brea k d o wn v o ltage @1 m a v (br) v o lts maximum clamping v o ltage (fig. 2) @i p = 1a v c v o lts maximum clamping v o ltage (fig. 2) @ 8/20 s v c @ i pp maximum lea k age current @v wm i d a maximum capacitance per line @0v, 1m h z c p f psmda05c-8 seb 5.0 6.0 9.8 15.4v @ 30.0a 100 350 psmda12c-8 sed 12.0 13.4 19.0 26.4v @ 17.0a 1 150 psmda15c-8 sef 15.0 16.7 24.0 32.4v @ 14.0a 1 120 psmda24c-8 seh 24.0 26.7 40.0 45.0v @ 10.0a 1 100
only one name means protektion? www.protekdevices.com 05084.r6 1/11 page 3 05084 psmda05c-8 - psmda24c-8 typical device c h aracteristics figure 1 pea k pulse p o wer vs pulse time t d - pulse duraton - s 450w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 peak pulse power 8/20s average power figure 3 p o wer derating curve t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) figure 2 pulse wave f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05084.r6 1/11 page 4 05084 psmda05c-8 - psmda24c-8 s o -14 pac k age inf o rmati o n o utline dimensi o ns dim millimeters inc h es min max min max a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.05 bsc j 0.18 0.25 0.007 0.009 k 0.10 0.25 0.004 0.008 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 n o tes 1. -t- = seatng plane and datum surface. 2. dimensions a and b are datum. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion is 0.015 (0.380mm) per side. 5. dimensioning and tolerances per ansi y14.5m, 1982. 6. dimensions are exclusive of mold fash and metal burrs. pad lay o ut dimensi o ns dim millimeters inc h es min max min max a 1.14 1.40 0.045 0.055 b 0.64 0.89 0.025 0.035 c 6.22 - 0.245 - d 3.94 4.17 0.155 0.165 e 1.02 1.27 0.040 0.050 n o tes 1. controlling dimension: inches. -a- -b- p d g 14 8 7 1 -t- c k j r x 45 0 - 10 f 14 pl 0.010 (0.25mm) m s b + s a t 7 pl 0.010 (0.25mm) m m b + a b c d e
only one name means protektion? www.protekdevices.com 05084.r6 1/11 page 5 05084 psmda05c-8 - psmda24c-8 tape and reel o rdering inf o rmati o n base part number (xx = voltage) leadfree suffix tape suffix qty/reel reel size tube qty psmdaxxc-8 -lf -t7 1,000 7 55 psmdaxxc-8 -lf -t13 2,500 13 55 specificati o ns r eel d ia . t ape w idt h a0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 16mm 6.50 0.10 9.5 0.10 2.10 0.10 1.50 0.10 1.75 0.10 3.50 0.05 16.00 0.30 4.00 0.12 2.00 0.10 4.00 0.10 0.25 no tes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 1,000 pieces per 16mm tape. 4. sufx - t13 = 13 reel - 2,500 pieces per 16mm tape. 5. bulk product shipped in tubes of 55 pieces per tube. 6. marking on part - marking code(see page 2), date code, logo and pin one defned by dot on top of package. package outline per document number 06006.r3 10/09 user directon of feed t k0 a0 p d p0 p2 e b0 f w 10 pitches cumulatve tolerance on tape 0.2 pin 1
only one name means protektion? www.protekdevices.com 05084.r6 1/11 page 6 05084 psmda05c-8 - psmda24c-8 c o mpany inf o rmati o n c o mpany pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. c o ntact us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e-mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com web www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of PSMDA12C-8-LF-T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X